PART |
Description |
Maker |
VSC7442 |
52-Port L2/L3 Enterprise and Industrial Ethernet Switch
|
Vitesse Semiconductor Corporation Vitesse Semiconductor C...
|
ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284- |
PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护 PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
AR1USB1-3712 |
Single Port RJ45 & Single Port USB Combo
|
Allied Components Inter...
|
AR1USB1-4068 |
Single Port RJ45 and Single Port USB Combo
|
Allied Components Inter...
|
AR1USB1-3711 |
Single Port RJ45 & Single Port USB Combo
|
Allied Components International
|
XFVOIP5E-CLXU1-4MS XFVOIP5E-CLXU1-4MS10 XFVOIP5E-C |
SINGLE PORT CIMBO SINGLE PORT COMBO
|
XFMRS Inc.
|
AR1USB2-3785 |
Single Port RJ45 & Dual Port USB Combo
|
Allied Components International
|
1-5406552-6 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; INV MJ,1X4,PNL GRD,LED (RG/RG) ( AMP )
|
Tyco Electronics
|
BCM1113 |
ENTERPRISE IP PHONE CHIP
|
Broadcom Corp. Broadcom Corporation.
|
HUSMH8010BSS200 HUSMH8010BSS201 HUSMH8010BSS204 HU |
ENTERPRISE SOLID-STATE DRIVES
|
List of Unclassifed Man...
|
XFATM9-CT1-2M XFATM9-CT1-2M-15 |
SINGLE PORT COMB TAB UP SINGLE PORT TAB-UP COMBO
|
XFMRS Inc.
|
PM3351 PM3351-RC PM3351-SW |
Single-Port 10/100 Mbit/s Ethernet Switch SINGLE PORT FAST ETHERNET SWITCH
|
PMC[PMC-Sierra, Inc] PMC-Serria
|